PART |
Description |
Maker |
BPD-BQBA34 |
END- LOOK PACKAGE PIN PHOTO DIODE
|
BRIGHT LED ELECTRONICS CORP
|
PVG613 PVG613S |
60V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package 60V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
|
International Rectifier
|
HSDL-5400031 HSDL-54001L1 |
High-Performance IR PIN Photodiode in Subminiature SMT Package, Z Bend, Tape & Reel PIN PHOTO DIODE High-Performance IR PIN Photodiode, Subminiature SMT Pack, Bulk, Thru-hole, Long Leads PIN PHOTO DIODE
|
Lite-On Technology, Corp.
|
HP333 |
Double-end type high-sensitivity photo diode mounted in a compact clear package
|
Kodenshi Corp KODENSHI KOREA CORP.
|
PVN013PBF PVN013S-T PVN013SPBF |
20V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package 20V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package
|
International Rectifier
|
PVN012S PVN012S-T |
20V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package 20V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package
|
International Rectifier
|
PVD3354N PVD3354NS PVD2352N PVD2352NS |
300V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package 300V 1 Form A Photo Voltaic Relay in a mod. 8-pin SMT Package 200V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package 200V 1 Form A Photo Voltaic Relay in a mod. 8-pin SMT Package
|
International Rectifier
|
74062-2513 0740622513 |
2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 8-Row,Guide Pin Signal Module, Shield End Version, Pin End Version, 200 Circuits, Pin
|
Molex Electronics Ltd.
|
0740621003 |
2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 8-Row,Guide Pin Signal Module, Shield End Version, Pin End Version, 80 Circuits, Pin Length MOLEX Connector
|
Molex Electronics Ltd.
|
AM29821DM AM29825DM AM29823DM AM29821DC AM29821A/B |
10-Bit D-Type Flip-Flop 300V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package; A PVA3324N with Standard Packaging Complete Sensorless Drive Design Platform iMOTION Development System; A IRMCS2031 with Standard Packaging High-voltage DC-DC buck converter for HB-LEDs constant current control; A IRPLLED1 with Standard Packaging 9-Bit D-Type Flip-Flop 20V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package; A PVN012 with Standard Packaging Halogen Convertor, 220/230VAC Input, 12VAC Output, 100VA Max; A IRPLHALO1E with Standard Packaging 250V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package; A PVT312LS with Tape and Reel Packaging Digital dimming DALI (Digital Addressable Lighting Interface) compliant lighting linear ballast with 1% dimming, IR2159, U.S. version, 120VAC line, 32W/T8 lamp; A IRPLDIM2U with Standard Packaging A 3-Way CFL Dimming Ballast; A IRPLCFL4 with Standard Packaging 10位D型触发器 Octal D-Type Flip-Flop 八路D类触发器
|
Analog Devices, Inc.
|
0740591024 74059-1024 |
2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 6-Row,Guide Pin Signal Module, Shield End Version, Pin End Version, 60 Circuits, Pin Length 5.15mm (.203) 2.00mm (.079") Pitch VHDM庐 Board-to-Board Backplane Header, Vertical, 6-Row,Guide Pin Signal Module, Shield End Version, Pin End Version, 60 Circuits, Pin Lengt MOLEX Connector
|
Molex Electronics Ltd.
|
74059-1014 0740591014 |
2.00mm (.079") Pitch VHDM庐 Board-to-Board Backplane Header, Vertical, 6-Row, Guide Pin Signal Module, Shield End Version, Pin End Version, 60 Circuits, Pin Leng 2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 6-Row, Guide Pin Signal Module, Shield End Version, Pin End Version, 60 Circuits, Pin Length 5.15mm (.203)
|
Molex Electronics Ltd.
|
|